PART |
Description |
Maker |
IDT72V3644 IDT72V3624 IDT72V3634 IDT72V3634L10 IDT |
512 x 36 x 2 SyncBiFIFO, 3.3V 3.3 VOLT CMOS SyncBiFIFO? 3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
|
IDT[Integrated Device Technology] Integrated Device Techn...
|
IDT72V3612L20PQF |
3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
|
http://
|
72V3632L15PFG8 |
3.3 VOLT CMOS SyncBiFIFO
|
Integrated Device Techn...
|
IDT72V3694 IDT72V3694L10PF IDT72V3694L15PF IDT72V3 |
32K x 36 x 2 SyncBiFIFO, 3.3V 3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 3.3伏的CMOS SyncBiFIFOTM与巴士线匹配 Low Cost 3-Channel Video Filter Drivers for SD/PS/HD; Package: TSSOP; No of Pins: 14; Container: Rail
|
IDT Integrated Device Technology, Inc.
|
IDT723674 IDT723674L12PF IDT723674L15PF IDT723664 |
CMOS SyncBiFIFO WITH BUS-MATCHING
|
IDT[Integrated Device Technology]
|
74LCX652RM13TR |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
AM29LV008BB70REIB AM29LV008BT70REIB AM29LV008BB-80 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位米8位)的CMOS 3.0伏,只引导扇区闪 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 HDWR ENDCAP RIGHT FOR SER 3U BLK 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. http://
|
AMD29F010B AM29F010B-90PI AMD29F010B-45EE AMD29F01 |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only / Uniform Sector Flash Memory 20V Single N-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML2402 with Tape and Reel Packaging 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位128亩8位)的CMOS 5.0伏只,统一部门快闪记忆
|
Advanced Micro Devices, Inc.
|
FAN2508 FAN2509S25 FAN2509S30 FAN2509S285 FAN2508X |
50 mA CMOS LDO Regulators VOLT REGULATOR|FIXED| 2.5V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 2.85V|CMOS|TSOP|6PIN|PLASTIC
|
Fairchild Semiconductor
|
AM29F016B-70EEB AM29F016B-70EIB AM29F016B-120DGI1 |
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only/ Sector Erase Flash Memory-Die Revision 1 16 megabit CMOS 5.0 volt-only uniform flash memory
|
Advanced Micro Devices
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|