PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
G65SC02ALI-1 G65SC02AX-4 G65SC02AX-2 G65SC02AEI-5 |
CMOS G65SC02-A 8-BIT MICROPROCESSOR High I , Axial Choke Microprocessor 微处理器 8-Bit Microprocessor 8位微处理 CMOS G65SC02-A 8-BIT MICROPROCESSOR
|
California Micro Devices Corporation
|
MR80C88-2B 5962-8601601QA |
CMOS 8/16-Bit Microprocessor 16位产品的CMOS微处理器 CMOS 8/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
HS1-80C86RH-8 HS9-80C86RH-8 HS9-80C86RH-Q HS1-80C8 |
Radiation Hardened 16-Bit CMOS Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. http://
|
HD64180ZCPJ-6 HD64180ZCP-6 HD64180ZCP-4 HD64180ZFJ |
8-BIT, 6.17 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 4 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 8-BIT, 8 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 6.17 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PQFP80 PLASTIC, FP-80 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64 SHRINK, PLASTIC, DIP-64
|
Cypress Semiconductor, Corp. Samtec, Inc. Incon, Inc.
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
5962R9572201QXC 5962R9572201VXC 5962R9572201VQC 59 |
Microprocessor, CMOS, 16-Bit, 8MHz, 500A, 12mA/MHz, Rad-Hard Radiation Hardened 16-Bit CMOS Microprocessor
|
Intersil Corporation
|
ADC0803 ADC0803LCN ADC0804LCN ADC0802 ADC0804 |
8-Bit/ Microprocessor- Compatible/ A/D Converters 8-Bit, Microprocessor-Compatible, A/D Converters 8-Bit Microprocessor-Compatible A/D Converters A/D Converter, 8-Bit, Error ?.5LSB Vref/2 Not Adjusted, Microprocessor-Compatible A/D Converter, 8-Bit, Error ?.5LSB V REF /2 Adjusted, Microprocessor-Compatible A/D Converter, 8-Bit, Error ?LSB V REF /2 Not Adjusted, Microprocessor-Compatible
|
INTERSIL[Intersil Corporation]
|
UPD30550 UPD30550F2-300-NN1 UPD30550F2-400-NN1 |
VR5500 64-/32-BIT MICROPROCESSOR VR5500⑩ 64-/32-BIT MICROPROCESSOR
|
NEC
|
HI3-674AKN-5 HI1-574AJD-5 HI1-574AKD-5 HI1-574ASD_ |
A/D Converter, 50KSPS, 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface A/D Converter, 83KSPS, Bus Access Time 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface, 883 Compliant Complete, 12-Bit A/D Converters with Microprocessor Interface
|
INTERSIL[Intersil Corporation]
|
AM486DX2 AMD-X5-133SDZ AMD-X5-133AFW AMD-X5-133SFZ |
Am5X86??Microprocessor Family Am5X86 Microprocessor Family Am5X86Microprocessor Family 32-BIT, 133 MHz, MICROPROCESSOR, PQFP208
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
|