PART |
Description |
Maker |
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
2SK2394-7-TB-E 2SK2394-6-TB-E 2SK239412 |
N-Channel Junction Silicon FET Low-Noise HF Amplifi er Applications
|
Sanyo Semicon Device
|
LF353 LF153 LF153_01 LF253 LF253D LF253DT LF353N L |
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TL062_07 TL062ACN TL062AID TL062AIN TL062AMN TL062 |
LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
|
STMICROELECTRONICS[STMicroelectronics]
|
IL062 |
Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
|
IK Semiconductor
|
UPC4094 |
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
|
NEC
|
LT1818IS5TRMPBF LT1818CS5TRM |
400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 400 MHz BAND WIDTH, PDSO5 400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 400 MHz BAND WIDTH, PDSO5 400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
|
Linear Technology, Corp.
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
TL074A TL074AC TL074ACD TL074ACN TL074AI TL074AID |
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS Voltage-Feedback Operational Amplifier From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LT6604CUFF-15-PBF LTC6604CUFF-15-TRPBF LTC6604IUFF |
Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
|
Linear Technology
|