PART |
Description |
Maker |
KM718FV4021 |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
|
Samsung semiconductor
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
K7N403601A K7N401801A |
256Kx18-Bit Pipelined NtRAMData Sheet 128Kx36 & 256Kx18-Bit Pipelined NtRAMTM 128Kx36 & 256Kx18-Bit Pipelined NtRAMTM 128K × 36
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
IDT71V2548S133PF IDT71V2548S133BGI IDT71V2548SA133 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 25V N-Channel PowerTrench MOSFET; Package: TO-251(IPAK); No of Pins: 3; Container: Rail 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的36256 × 18 3.3同步ZBT SRAM2.5VI / O的脉冲计数器输出流水 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O
|
Integrated Device Technology, Inc. IDT
|
K7P401811M-HC160 K7P403611M-HC200 K7P403611M |
128Kx36 & 256Kx18 Synchronous Pipelined SRAM Data Sheet 128K X 36 STANDARD SRAM, 2.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119
|
Samsung Electronic
|
IDT71P74104S167BQ IDT71P74104S200BQ IDT71P74104S25 |
1.8V 512K x 36 QDR II PipeLined SRAM 1.8V 2M x 9 QDR II PipeLined SRAM 1.8V 1M x 18 QDR II PipeLined SRAM 1.8V 2M x 8 QDR II Pipelined SRAM 18Mb Pipelined QDR II SRAM Burst of 4
|
IDT http://
|
K7N403601M |
(K7N401801M / K7N403601M) 128Kx36 & 256Kx18 Pipelined NtRAM-TM
|
Samsung semiconductor
|
K7A401800B-QC K7A403600B-QC K7A403200B-QC K7A40360 |
128Kx36/x32 & 256Kx18 Synchronous SRAM 128Kx36/x32 & 256Kx18 Synchronous SRAM 128Kx36/x32
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
CY7C1351 7C1351 CY7C1351-66AC 7C1351-40 7C1351-50 |
128Kx36 Flow-Through SRAM with NoBL TM Architecture From old datasheet system 128Kx36 Flow-Through SRAM with NoBL Architecture
|
CYPRESS[Cypress Semiconductor]
|
GVT71256D36B-5 GVT71256D36T-5 GVT71256D36T-4.4 GVT |
256K x 36 pipelined SRAM, 200MHz 256K x 36 pipelined SRAM, 225MHz 256K x 36 pipelined SRAM, 150MHz 256K x 36 pipelined SRAM, 166MHz 512K x 18 pipelined SRAM, 225MHz 512K x 18 pipelined SRAM, 150MHz 512K x 18 pipelined SRAM, 166MHz 512K x 18 pipelined SRAM, 200MHz
|
Cypress
|
CY7C1356BV25-225 CY7C1354BV25-166 CY7C1354BV25-225 |
256K X 36 ZBT SRAM, 3.2 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBLArchitecture 256 × 36/512K × 18流水线的SRAM架构的总线延迟 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor Corp. Crystek, Corp.
|
K7P401823B |
128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|