PART |
Description |
Maker |
AS7C33128PFS32B AS7C33128PFS32A |
(AS7C33128PFS32A / AS7C33128PFS36A) 3.3V 128K X 32/36 pipeline burst synchronous SRAM (AS7C33128PFS32B / AS7C33128PFS36B) 3.3V 128K X 32/36 pipeline burst synchronous SRAM
|
Alliance Semiconductor Corporation
|
AS7C33128PFD32B |
(AS7C33128PFD32B / AS7C33128PFD36B) 3.3V 128K X 32/36 pipeline burst synchronous SRAM
|
Alliance Semiconductor Corporation
|
AS7C33128PFD32A |
(AS7C33128PFD32A / AS7C33128PFD36A) 3.3V 128K X 32/36 pipeline burst synchronous SRAM
|
Alliance Semiconductor Corporation
|
AS7C3256PFS18A-4TQC AS7C3256PFS16A-4TQC AS7C3256PF |
3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 3.8 ns, PQFP100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
IDT71V2548S133PF IDT71V2548S133BGI IDT71V2548SA133 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 25V N-Channel PowerTrench MOSFET; Package: TO-251(IPAK); No of Pins: 3; Container: Rail 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的36256 × 18 3.3同步ZBT SRAM2.5VI / O的脉冲计数器输出流水 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O
|
Integrated Device Technology, Inc. IDT
|
WEDPY256K72V-133BC WEDPY256K72V-133BI WEDPY256K72V |
256Kx72 Synchronous Pipeline SRAM
|
White Electronic Designs Corporation
|
CY7C1340A-100AC CY7C1340A-66AI CY7C1340A |
128K x 32 Synchronous-Pipelined RAM 128K X 32 STANDARD SRAM, 7 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|