PART |
Description |
Maker |
IDT7025L25PG |
x16 Dual-Port SRAM x16双端口SRAM
|
Integrated Device Technology, Inc.
|
HY62SF16403ALLM-10 HY62SF16403ALLM-10I HY62SF16403 |
x16 SRAM x16|1.8V|85/100|Super Low Power Slow SRAM - 4M x16 | 1.8 | 85/100 |超级低功耗SRAM的速度 4
|
Alpha Industries, Inc.
|
HY62UF16806B-DFC HY62UF16806B-DFI HY62UF16806B-C H |
x16|3V|55/70/85|Super Low Power Slow SRAM - 8M x16 | 3V的| 55/70/85 |超级低功耗SRAM的速度 800 512Kx16bit full CMOS SRAM
|
GE Security, Inc. Hynix Semiconductor
|
HY62LF16806A-SMC HY62LF16806A-DMC HY62LF16806A-DMI |
x16|2.5V|70/85/100|Super Low Power Slow SRAM - 8M x16 | 2.5V的| 70/85/100 |超级低功耗SRAM的速度 800 512Kx16bit full CMOS SRAM
|
Alpha Industries, Inc. Hynix Semiconductor
|
ASMB-784G4-00A1E |
LGA 1150 Intel? Xeon? E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
|
Advantech Co., Ltd.
|
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 32M(x8/x16) flash memory & 4M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
M36W416TG-ZAT M36W416BGZA M36W416BG70ZA1T M36W416B |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
ST Microelectronics
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
M36W432BG M36W432BG70ZA1T M36W432BG70ZA6T M36W432B |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|