PART |
Description |
Maker |
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
VDA3720CTA VDA3720NTA VDA6010CTA VDA0820NTA VDA171 |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector
|
AnaSem Hong Kong Limited AnaSem Hong Kong Limite...
|
K6T4016U3C K6T4016U3C-B K6T4016U3C-F K6T4016U3C-RB |
256Kx16 bit Low Power and Low Voltage CMOS Static RAM Surface Mount Resistors Thick Film Chip Resistors 256Kx16 bit Low Power and Low Voltage CMOS Static RAM 256Kx16位低功耗和低电压的CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
ELM742X |
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
|
ETC
|
IS62U6416LL IS62U6416LL-20B IS62U6416LL-20KI IS62U |
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc]
|
IS62WV51216ALL IS62WV51216BLL-45B IS62WV51216ALL-7 |
512K X 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|
K6T1008V2C K6T1008V2C-B K6T1008V2C-D K6T1008V2C-F |
128K x8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|