PART |
Description |
Maker |
M27V322 7067 M27V322-100B1 M27V322-100F1 M27V322-1 |
From old datasheet system 32 MBIT (2MB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics STMicroelectronics
|
M27C800-100B1TR M27C800-100B6TR M27C800-100F1TR M2 |
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM
|
意法半导 STMicroelectronics ST Microelectronics
|
M2732A 2377 M2732A-20F1 M2732A-2F6 M2732A-3F1 M273 |
NMOS 32K (4K x 8) UV EPROM, 250ns From old datasheet system NMOS 32K 4K x 8 UV EPROM NMOS 32K (4K x 8) UV EPROM(NMOS 32K紫外线擦除EPROM)
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27V102 M27V102-100B1TR M27V102-100B6TR M27V102-10 |
1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-TSSOP -40 to 85 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-TVSOP -40 to 85 1兆位64Kb的16低压紫外线存储器和OTP存储 1 Mbit 64Kb x 16 Low Voltage UV EPROM and OTP EPROM 1兆位64Kb的16低压紫外线存储器和OTP存储 TEST SOCKET FOR TERMINAL BLOCK 1兆位64Kb的16低压紫外线存储器和OTP存储 JUMPER CROSS FOR TERMINAL BLOCK 1兆位64Kb的16低压紫外线存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M27128A-1F1 M27128A-1F6 M2716 2375 M27128AF6 M2712 |
NMOS 16K 2K x 8 UV EPROM NMOS 16K (2K x 8) UV EPROM From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27512 M27512-20F1 M27512-2F1 M27512-3F1 M27256F1 |
From old datasheet system NMOS 64K 8K x 8 UV EPROM NMOS 512K (64K x 8) UV EPROM NMOS 512K 64K x 8 UV EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27V160-100K1 |
16 MBIT (2MB X8 OR 1MB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27V801 |
8Mbit (1Mb x 8) Low Voltage UV EPROM and OTP EPROM(8M位低压可紫外擦除EPROM和一次可编程EPROM)
|
意法半导
|
M27W201-100K6TR M27W201-100NZ6TR M27W201-120NZ6TR |
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27W801-100F6TR M27W801-120F6TR M27W801-150F6TR M2 |
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|