PART |
Description |
Maker |
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
AM24LC08I AM24LC08INA AM24LC08ISA AM24LC08VSA AM24 |
RES, FXD, MF, CHIP, 121K, 1%, 1/16W, 0603 2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
|
ETC ANACHIP[Anachip Corp]
|
CAT24WC128PI-1.8REVA CAT24WC128U14-TE13REVA CAT24W |
Serial CMOS EEPROM, Full Array Write Protect, 128Kb 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 TSSOP-14 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8
|
Catalyst Semiconductor ON Semiconductor Vicor, Corp.
|
SLA24C01-D-3/P SLA24C02-D-3/P SLA24C02-S-3/P SLA24 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
|
SIEMENS A G SIEMENS AG Siemens Semiconductor Group
|
24AA128 24LC128ESM 24AA128IST 24AA128ISN 24LC128IS |
128K I2C CMOS EEPROM Pomona Stack Up Banana Plug With Safety Collar, Color: Black, Current Rating: 15 A, Power: 5000 W, Features: Safety collar that insulates exposed wire leads, solderless banana plugs firmly holds wire with internal setscrew 128K的的I 2 C⑩的CMOS串行EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 128KI2CCMOSSerialEEPROM 128K I 2 C ?CMOS Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology
|
HT24LC16 |
CMOS 16K 2-Wire Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc.
|
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
24C02B 24C01B 24C01B-ESN 24C01B-EP 24C02B-ESN 24C0 |
1K/2K 5.0V I 2 C ?Serial EEPROM Note:This product is not recommended for new designs. Please consider 24LC02B instead.The 24C01B is a 2K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit with an I<SUP>2</SUP>C compatible 2-wire serial Note:This product is not recommended for new designs. Please consider 24LC02B instead.The 24C01B is a 2K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit with an I2C compatible 2-wire serial
|
Microchip Technology
|
KM93C46 |
CMOS EEPROM 1K BIT SERIAL ELECTRICALLY ERASABLE PROM
|
Samsung Electronic Samsung semiconductor
|
24C04A |
The 24C04A is a 4K bit Serial Electrically Erasable PROM. The 24C04A features an I2C compatible 2-wire serial interface bus and hardware write protection for the upper half of the block. The 24C04A has a page write capabil
|
Microchip
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT24WC64GWETE13D CAT24WC64J-1.8TE13D CAT24WC32JI- |
4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-001, DIP-8 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-001, DIP-8 32K/64K-Bit I2C Serial CMOS EEPROM 32K/64K-Bit I2C Serial CMOS EEPROM
|
CATALYST[Catalyst Semiconductor] http://
|