PART |
Description |
Maker |
AT17LV65 |
65/128/256/512K-bit and 1/2/4M-bit FPGA Configurator EEPROM (3.3V and 5V). Obtain the qualification
|
Atmel Corp
|
S29PL-N07 S29PL127N65GFW000 S29PL129N65GFW000 S29P |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
AM29F200 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory
|
Advanced Micro Devices
|
LPC2129FBD64 LPC2119FBD64 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
NXP Semiconductors
|
AM29LV200T-90RFC |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
AM29F200B01 AM29F200BT-90DWI1 AM29F200B AM29F200BB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
|
AMD[Advanced Micro Devices]
|
LPC2132FBD64/01 LPC2134FBD64/01 |
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
|
NXP Semiconductors N.V.
|
AM29F200B AM29F200BT-120SC |
2 Mbit (256 K x 8-Bit/128 K x 16-Bit) EEPROM,FLASH,128KX16/256KX8,CMOS,SOP,44PIN,PLASTIC From old datasheet system
|
AMD Inc
|
AM29F200BT-55 AM29F200BB-45 AM29F200BB-120 AM29F20 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
http:// AMD Advanced Micro Devices, Inc.
|
V850E1 V850E_SV2 V850E_IA1 V850E_IA2 V850E_IA3 V85 |
V850E/IA2 Flash product ROM: 128 KB, RAM: 6 KB V850E/IA2 Mask product ROM: 128 KB, RAM: 6 KB V850E/IA3 Flash product ROM: 256 KB, RAM: 12 KB ROM-less version; Internal RAM: 4K bytes 32-bit RISC single-chip microcontroller V850E/SV2 V850E/IA4 Flash memory product ROM: 256 KB, RAM: 12 KB 32-Bit Microprocessor Core
|
NEC[NEC]
|
HT32F12365 HT32F12366 |
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
|
Holtek Semiconductor In...
|