PART |
Description |
Maker |
AM49DL640BG |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 32 Mbit (512K x 16-Bit) Pseudo Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
AM42DL16X2D |
16 Mbit (2 M x 8-Bit/1 M x 16-Bit) CMOS and 2 Mbit (128 K x 16-Bit) Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
JS28F128P33BF70 JS28F128P33TF70A PC28F640P33BF60A |
Numonyx? P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
|
Micron Technology Microchip Technology Numonyx B.V
|
M58LR128GU |
The M58LR128GU/L and M58LR256GU/L are 128 Mbit (8 Mbit x16) and 256 Mbit (16 Mbit
|
ST Microelectronics, Inc.
|
SST34HF1682C-70-4E-B1PE SST34HF1642C-70-4E-B1PE SS |
16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 CONNECTOR 15V 0.2A, Wide-Input Integrated Switching Regulator 3-SIP MODULE XTAL MTL SMT HC49/USM XTAL CER SMT 7X5 2PAD Self-Calibrating, 16-Bit Analog-to-Digital Converter 6-SOT-23 -40 to 85 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory 16兆兆位并行的SuperFlash 2/4/8 SRAMComboMemory 16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory 16兆兆位并行的SuperFlash 2/4/8 SRAM的ComboMemory 16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PBGA56 XTAL MTL T/H HC49/U 16兆兆位并行的SuperFlash 2/4/8 SRAM的ComboMemory Replaced by OPA128 : 16兆兆位并行的SuperFlash 2/4/8 SRAM的ComboMemory CANMS27656T25B19S 16兆兆位并行的SuperFlash 2/4/8 SRAMComboMemory 16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PBGA62
|
Silicon Storage Technology, Inc. NIC Components, Corp. SILICON STORAGE TECHNOLOGY INC
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AM29LV160DB-120EC AM29LV160DB-120EE AM29LV160DB-12 |
From old datasheet system x8/x16 Flash EEPROM 16 Mbit (2 M x 8-Bit/1 M x 16-Bit) x8/x16FlashEEPROM
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
AM41DL3248GB85IT AM41DL3238GB85IT AM41DL3238GT85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc. SPANSION LLC
|
M29DW127G M29DW127G70NF6E |
128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
|
Numonyx B.V
|
SST39SF040 |
(SST39SF010A / SST39SF020A / SST39SF040) 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
|
Silicon Storage Technology
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
AT52BR6408A AT52BR6408AT-85CI AT52BR6408A-70CI AT5 |
From old datasheet system 64-Mbit Flash, 8-Mbit SRAM (x16 I/O) 64 Mbit Multi-plane Flash combined with 8-Mbit SRAM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|