PART |
Description |
Maker |
AAT3221IJS-1.5-T1 AAT3221IJS-1.6-T1 AAT3221IJS-1.8 |
150mA NanoPower⑩ LDO Linear Regulator 2.3 V FIXED POSITIVE LDO REGULATOR, 0.275 V DROPOUT, PDSO5 2.4 V FIXED POSITIVE LDO REGULATOR, 0.265 V DROPOUT, PDSO8 1.7 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.235 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5 2 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO5 150mA NanoPower?LDO Linear Regulator
|
http:// Advanced Analogic Technologies Advanced Analogic Techn...
|
MIC2951-3.3YM MIC2950-05YZ MIC2950-06YZ MIC2951-03 |
150mA Low-Dropout Voltage Regulator IC REG LDO 150MA 5.0V 0.5% TO92 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT321 |
150mA MicroPower??LDO with PowerOK 150mA MicroPower LDO with PowerOK 150mA MicroPower⑩ LDO with PowerOK Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes 150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
AAT3242ITP-IQ-T1 AAT3242ITP-IP-T1 AAT3242ITP-WI-T1 |
300mA/150mA Dual CMOS LDO Linear Regulator 300mA/150mA LDO线性稳压器的CMOS
|
Advanced Analog Technology,lnc. 线性稳 Advanced Analog Technology, Inc.
|
MIC5255-2.5BD5 MIC5255-2.5BM5 MIC5255-2.5YD5 MIC52 |
150mA Low Noise 渭Cap CMOS LDO 150mA Low Noise μCap CMOS LDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise Cap CMOS LDO
|
Micrel Semiconductor MICREL INC
|
AAT3242ITP-QQ-T1 AAT324208 AAT3242ITP-IN-T1 AAT324 |
300mA/150mA Dual CMOS LDO Linear Regulator
|
http:// Advanced Analogic Technologies Advanced Analogic Techn...
|
MIC5256-2.5BM5 MIC5256-2.5YM5 MIC5256-2.6BM5 MIC52 |
150mA 渭Cap LDO with Error Flag 150mA μCap LDO with Error Flag 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
MC78PC50NTRG MC78PC18NTRG MC78PC30NTR MC78PC30NTRG |
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator 150mA, 5.0V Output, Low Drop Out CMOS Linear Voltage Regulator; Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 150mA, 1.8V, Low Noise Low Drop Out (LDO) Linear Voltage Regulator -Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO5
|
ON Semiconductor
|
MAX8875 MAX8875EUK25 MAX8875EUK25-T MAX8875EUK27 M |
150mA / Low-Dropout Linear Regulator with Power-OK Output 150mA, Low-Dropout Linear Regulator with Power-OK Output 2.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AAT3218IJS-3.5-T1 AAT3218 AAT3218IGV-1.2-T1 AAT321 |
150mA MicroPower High Performance LDO 150mA MicroPower垄芒 High Performance LDO 150mA MicroPower⑩ High Performance LDO
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
R1113Z501A-EX R1113Z351A-EX R1113Z301A-EX R1113Z15 |
LOW NOISE 150mA LDO REGULATOR 低噪50mA的LDO稳压 LOW NOISE 150mA LDO REGULATOR 3.5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PBGA4
|
Ricoh Co., Ltd.
|
AAT3223IGU-2.7-T1 AAT3223IGU-1.8-T1 AAT3223IGU-2.8 |
3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO 250mA NanoPower LDO Linear Regulator with Power -OK
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|