PART |
Description |
Maker |
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MC74VHC374 MC74VHC374DT MC74VHC374DW MC74VHC374M O |
From old datasheet system OCTAL D-TYPE FLIP-FLOP 3-STATE OUTPUT Octal D-Type Flip-Flop with 3-State Output
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
74LVX273MTC 74LVX273SJ 74LVX273 74LVX273M 74LVX273 |
Low Voltage Octal D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel LV/LV-A/LVX/H SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MM74HCT574WM MM74HCT573 MM74HCT573_05 MM74HCT573MT |
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
74HC574 74HC574N 74HCT574 74HC574PW 74HCT574D 74HC |
74HC/HCT574; Octal D-type flip-flop; positive edge-trigger; 3-state Octal D-type flip-flop positive edge-trigger 3-state
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
DM74ALS576SJX DM74ALS576A DM74ALS576A_04 DM74ALS57 |
ALS SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|