PART |
Description |
Maker |
74LCXZ162244 74LCXZ162244MEA 74LCXZ162244MEX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26з Series Resistors in the Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp.
|
MTD48 74LCX162244 74LCX162244GX 74LCX162244MEA 74L |
Low Voltage 16-Bit Buffer/Line Driver with 26 Ohm Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH162240 74ALVCH162240T 74ALVCH162240TX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26?Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH162244 74VCXH162244MTD 74VCXH162244MTX |
Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26-Ohm Series Resistor in Outputs Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16244_05 74LCXH16244 74LCXH16244G 74LCXH1624 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
74LVQ244 74LVQ244_01 74LVQ244QSC 74LVQ244SC 74LVQ2 |
8K, 1K X 8 2.5V SERIAL EE, -40C to 85C, 8-SOIC 150mil, T/R Dual 4-Bit Non-Inverting Buffer/Driver From old datasheet system Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16244G 74VCX16244MTDX 74VCX16244 74VCX16244GX |
Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH16240 74ALVCH16240T 74ALVCH16240TX |
From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|