PART |
Description |
Maker |
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVQ273_01 74LVQ273 74LVQ273QSC 74LVQ273SC 74LVQ2 |
Low Voltage Octal D Flip-Flop Low Voltage Octal D-Type Flip-Flop From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74VCX373FT EE08793 |
From old datasheet system LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
74LCX573BQX 74LCX573MTCXNL CX573MSA |
Octal Buffers And Line Drivers With 3-State Outputs 20-TSSOP -40 to 85 Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
|
FAIRCHILD SEMICONDUCTOR CORP
|
74LVQ374 74LVQ374_01 74LVQ374QSC 74LVQ374SC 74LVQ3 |
Low Voltage Octal D Flip-Flop with 3-STATE Outputs From old datasheet system Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
AD5318 AD5308 AD5328 |
2.5 V to 5.5 V Octal Voltage Output 10-Bit DAC in 16-Lead TSSOP Octal 8-Bit Low Voltage Low Power Serial Vout DAC in 16 lead TSSOP Octal 12-Bit Low Voltage Low Power Serial Vout DAC in 16 lead TSSOP
|
Analog Devices
|
MAX4805ACTJ MAX4805ACTJT MAX4805CTJ MAX4805CTJT |
Octal High-Voltage-Protected, Low-Power, Low-Noise Operational Amplifiers
|
MAXIM - Dallas Semiconductor
|
TC7MBL3245CFK TC7MBL3245CFT TC7MBL3245CFTG |
Low Voltage/Low Capacitance Octal Bus Switch
|
Toshiba Semiconductor
|
MC74LCX541DWG MC74LCX54105 MC74LCX573DWG MC74LCX57 |
Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
|
ONSEMI[ON Semiconductor]
|
MC74LCX244DT |
LOW-VOLTAGE CMOS OCTAL BUFFER
|
ON Semiconductor
|
MC74LCX244DWG MC74LCX244DTG MC74LCX244DTR2G MC74LC |
Low-Voltage CMOS Octal Buffer
|
ON Semiconductor
|