PART |
Description |
Maker |
GT28F160B3-T120 GT28F160B3-T150 GT28F400B3-T120 GT |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 智能3高级启动块字 SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 1M X 16 FLASH 3V PROM, 150 ns, PBGA48 TRANSFORMER CURRENT 75.0 AMP 智能3高级启动块字 LEAD, N PLG-PLG 50R, 1.2M; Connector type A:N Plug; Connector type B:N Plug; Length, lead:1.2m; Cable type:RG213; Impedance:50R; Coaxial cable type:RG213 RoHS Compliant: Yes
|
http:// Intel, Corp. ON Semiconductor Intel Corp.
|
28F800B5 E28F400B5-B80 E28F400B5-T80 E28F200B5-B80 |
SMART 5 BOOT BLOCK, FLASH MEMORY FAMILY 2, 4, 8 MBIT Smart 5 boot block flash memory 4 Mbit. Access speed 80 ns Smart 5 boot block flash memory 2 Mbit. Access speed 80 ns Smart 5 boot block flash memory 4 Mbit. Access speed 60 ns Smart 5 boot block flash memory 8 Mbit. Access speed 70 ns Smart 5 boot block flash memory 8 Mbit. Access speed 90 ns Smart 5 boot block flash memory 2 Mbit. Access speed 60 ns
|
Intel
|
E28F400B5B60 E28F800B5B70 E28F004B5T80 E28F004B5B6 |
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
|
Intel Corporation
|
JS28F008 |
(JS28Fxxx) Advanced Boot Block Flash Memory
|
Intel
|
28F160C2 |
2.4V Advanced Boot Block Flash Memory(2.4V高级引导块闪速存储器) 2.4V的高级启动块闪存2.4V的高级引导块闪速存储器
|
Intel, Corp.
|
28F160C3 28F016C3 28F032C3 28F320C3 28F800C3 TE28F |
3 VOLT ADVANCED BOOT BLOCK, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3 VOLT ADVANCED BOOT BLOCK 8-/ 16-/ 32-MBIT FLASH MEMORY FAMILY
|
Intel
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
28F320C3 |
3 Volt Advanced Boot Block Flash Memory(3 V 高级快速引导块闪速存储器) 32M X 8 FLASH 3V PROM
|
Intel, Corp.
|
RD28F3208C3T70 RD28F3208C3B90 |
TVS BIDIRECT 400W 90V SMA 3 VOLT INTEL Advanced BootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye SPECIALTY MEMORY CIRCUIT, PBGA66
|
INTEL CORP Intel, Corp.
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
M29F100B M29F100T 5123 M29F100B-90M1R M29F100B-90M |
NND - 1 MBIT (128KB X 8 OR 64KB X 16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY 1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory From old datasheet system 1 Mbit (128Kb x8 or 64Kb x16, Boot Block)Single Supply Flash Memory
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|