PART |
Description |
Maker |
TV15C9V0K-G TV15C9V5KB-G TV15C100JB-G TV15C100J-G |
Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device SMD TRANSLENT VOLTAGE SUPPRESSOR
|
COMCHIP[Comchip Technology] http://
|
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
P4KE250A P4KE24 P4KE47 P4KE220A P4KE47A P4KE170C P |
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400瓦峰值功率瞬态电压抑制器 12-Bit, 165MSPS SpeedPlus(TM) DAC Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 171.00 V. Test current IT = 1 mA.
|
Microsemi Bytes
|
1SV216 |
Reverse Voltage VR 30 V Peak Reverse Voltage VRM 35 (RL = 10K ) V
|
TY Semiconductor Co., Ltd
|
HZK20L HZK6A1L |
High peak reverse power dissipation
|
EIC discrete Semiconduc...
|
V120MLA1210 V18MLA1210 V26MLA1210 V30MLA1210 V30ML |
Surface mount varistor. Ag/Pd. Max continuous working voltage: 3.5VDC, 2.5VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 9VDC, 6.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 30VDC, 25VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 18VDC, 14VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 12VDC, 9.0VAC. 7in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 14VDC, 10VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 68VDC, 50VAC. 13in diameter reel. Multilayer Transient Voltage Surge Suppressors 多层瞬态电压浪涌抑制器 Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. 7in diameter reel. Surface mount varistor. Ag/Pt. Max continuous working voltage: 33VDC, 26VAC. 13in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. Bulk pack. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 33VDC, 26VAC. 13in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 9VDC, 6.5VAC. 7in diameter reel. Surface mount varistor. Nickel barrier. Max continuous working voltage: 18VDC, 14VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 5.5VDC, 4.0VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 3.5VDC, 2.5VAC. 7in diameter reel. Surface mount varistor. Ag/Pd. Max continuous working voltage: 48VDC, 40VAC. 7in diameter reel. Multilayer Transient Voltage Surge Suppressors Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. Bulk pack. Surface mount varistor. Ag/Pt. Max continuous working voltage: 3.5VDC, 2.5VAC. 13in diameter reel.
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
NTE5330 |
Single phase bridge rectifier, 6A. Maximum recurrent peak reverse voltage, Prv = 600V.
|
NTE Electronics
|
NTE5319 |
Single phase bridge rectifier, 4A. Maximum recurrent peak reverse voltage, Prv = 600V.
|
NTE Electronics
|
SMAJ5.0 |
TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
|
Gaomi Xinghe Electronics Co., Ltd.
|
V18MLE0603L V18MLE0402 MLE V18MLE1206 V18MLE0603 V |
Surface mount varistor. Ag/Pd. Max continuous working voltage: 18VDC. 7 in diameter reel. Surface mount varistor. Ag/Pt. Max continuous working voltage: 18VDC. Bulk pack. Multilayer Transient Voltage Suppressor Surface mount varistor. Nickel barrier. Max continuous working voltage: 18VDC. 7in diameter reel.
|
LITTELFUSE[Littelfuse]
|
NTE5811 NTE5891 NTE5810 NTE5870 NTE5890 NTE5874 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 500V. Average forward current 12A. 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 Silicon Power Rectifier Diode / 12 Amp Silicon Power Rectifier Diode 12 Amp Silicon Power Rectifier Diode, 12 Amp Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 200V. Average forward current 12A.
|
NTE[NTE Electronics]
|
1.5KA9.1A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA1 |
Automotive Transient Voltage Suppressors Breakdown Voltage 43V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 8.2V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 9.1V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 7.5V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 6.8V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 39V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 36V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 33V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 30V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 27V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 24V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 22V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 20V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 18V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 16V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 15V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 13V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 12V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 11V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 10V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors 汽车瞬态电压抑制器
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|