PART |
Description |
Maker |
AD7399BRU AD7398BR-REEL AD7398BRZ AD7398BRZ-REEL7 |
Quad, Serial-Input 10-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs
|
Analog Devices, Inc.
|
AD7835AP AD7835AS AD7834BN AD7835 AD7834AR |
14-Bit Quad DAC(14浣??D/A杞???? LC2MOS Quad 14-Bit DAC 2.35V-5.25V, 12 bit, 1MSPS, Serial ADC 6-SC70 -40 to 125 QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 14-BIT DAC, PDIP28 LC2MOS Quad 14-Bit DAC
|
http:// Analog Devices, Inc.
|
AD5544 AD5544ARS AD5554 AD5554BRS 2602 |
From old datasheet system Quad/ Current-Output Serial-Input/ 16-Bit/14-Bit DACs Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs Precision QUAD 16-Bit DAC
|
AD[Analog Devices]
|
AD5392BCP-5 AD5391BST-3-REEL AD5390BCP-3-REEL AD53 |
Quad 12-bit 125MSPS ADC with serialized LVDS output 64-VQFN -40 to 85 8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, QCC64
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX537BC/D MAX536BC/D MAX536-MAX537 MAX537AEPE |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface QUAD, SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP16 Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 校准型、四路2位、电压输出DAC,串行接 Calibrated / Quad / 12-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
AD5764RASUZ-REEL7 AD5764RCSUZ |
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC SERIAL INPUT LOADING, 8 us SETTLING TIME, 16-BIT DAC, PQFP32
|
Analog Devices, Inc.
|
LTC2635-LMI10 LTC2635-LMO12 LTC2635-LMX10 LTC2635- |
Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference SERIAL INPUT LOADING, 3.9 us SETTLING TIME, 8-BIT DAC, PDSO10 LEAD FREE, PLASTIC, MSOP-10 SERIAL INPUT LOADING, 3.9 us SETTLING TIME, 8-BIT DAC, PQCC16 3 X 3 MM, LEAD FREE, PLASTIC, MO-220WEED-2, QFN-16 Quad 10-Bit I<sup>2</sup>C VOUT DACs with 10ppm/°C Reference, QFN, 16 Pins, Temperature Range: 0°C to 70°C, Tape and Reel SERIAL INPUT LOADING, 4.3 us SETTLING TIME, 10-BIT DAC, PQCC16 Quad 10-Bit I<sup>2</sup>C VOUT DACs with 10ppm/°C Reference, QFN, 16 Pins, Temperature Range: 0°C to 70°C, Tape and Reel SERIAL INPUT LOADING, 4.1 us SETTLING TIME, 10-BIT DAC, PQCC16 SERIAL INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, PDSO10
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX532 MAX532ACPE MAX532ACWE MAX532AEPE MAX532AEWE |
Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC Dual, Serial-Input, Voltage-Output, 12-Bit MDAC Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC Dual / Serial-Input / Voltage-Output / 12-Bit MDAC Single Universal Serial Bus Port Transient Suppressor 6-SOT-23 -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
S9408 S9408S S9408P |
Serial Input, Quad 8-Bit Nonvolatile DACPOT
|
SUMMIT[Summit Microelectronics, Inc.]
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
A6818SA A6818EEP A6818EA 6818 A6818SEP |
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% DABiC-IV/ 32-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV 32-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
|