PART |
Description |
Maker |
AD9216BCPZRL7-105 AD9216BCPZRL7-65 AD9216BCPZRL7-8 |
10-Bit, 65/80/105 MSPS Dual A/D Converter 2-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64 10-Bit, 65/80/105 MSPS Dual A/D Converter 10位,65/80/105 MSPS双通道的A / D转换
|
Analog Devices, Inc.
|
SC070 |
Schottky Die 70 x 92 Mils
|
International Rectifier
|
Q62705-K167 Q62705-K159 Q62705-K160 Q62705-K161 Q6 |
PUBLICATIONS, BOOKS PEIZORESISTIVE PRESSURE SENSOR, 0-8.7Psi, 0.35%, 0-45mV, ROUND, THROUGH HOLE MOUNT Advanced PFC/PWM Combination Controllers 20-SOIC -40 to 105 相对硅压阻压力传感器 Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 SWITCH Silicon Piezoresistive Relative Pressure Sensor
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AT24C512-W2.7-11 |
10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE)
|
ATMEL CORP
|
25ZLH150MEFC6.3X11 25ZLH150MEFCTA6.3X11 25ZLH150ME |
105 Miniaturized, Long Life, Low impedance. MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS 105?/a> Miniaturized, Long Life, Low impedance.
|
RUBYCON CORPORATION
|
HM365788H-5 HM365788K-9 HM365788K-5 HM365788N-9 HM |
x4 SRAM ECU interface connectors; HRS No: 757-0010-2 00; Operating Temperature Range (degrees C): -30 to 105; General Description: Accessory; Retainer Small automotive connectors; HRS No: 763-0095-7 00; Mating/Unmating Cycles: 30; Operating Temperature Range (degrees C): -30 to 105; General Description: Clamp x4的SRAM
|
TE Connectivity, Ltd.
|
LP103M025H3P3 LP123M025H3P3 LP272M025C1P3 LP332M02 |
105 ?C Snap-In Aluminum Electrolytic Capacitors 105 ?C Snap-In Aluminum Electrolytic Capacitors 105 垄陋C Snap-In Aluminum Electrolytic Capacitors 105 ?C Snap-In Aluminum Electrolytic Capacitors
|
Cornell Dubilier Electr... http:// Cornell Dubilier Electronics
|
FS100VSJ-03 |
HORZ TIP JK, RUG .080& JOHNSON COMPONENT 105-2203-101 100 A, 30 V, 0.0047 ohm, N-CHANNEL, Si, POWER, MOSFET HORZ TIP JK, RUG .080& JOHNSON COMPONENT 105-2203-101 MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
SXR100K101A1 SXR100K101A2 SXR100K101A4 SXR100K101A |
105 oC Long Life Aluminum Electrolytic Capacitors 105 篓卢C Long Life Aluminum Electrolytic Capacitors 105 ìC Long Life Aluminum Electrolytic Capacitors
|
Cornell Dubilier Electr... Cornell Dubilier Electronics
|
HUF76407DK8 HUF76407DK8T |
3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFETPower MOSFET 3.5A/ 60V/ 0.105 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|