PART |
Description |
Maker |
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
H8_38774 H8_38775 H838776 H8_38776 H8_38776F |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Renesas Electronics Corporation
|
CD4019BC CD4019BCM CD4019BCN CD4019BCSJ CD4019BCMX |
Quad AND-OR Select Gate Quad 2-input OR Gate 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDSO16 Single 2-Input NAND Gate with Schmitt-Trigger Input 5-SC70 -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
MC10H107 MC10H107FN MC10H107L MC10H107P ON0742 MC1 |
From old datasheet system Triple 2-Input Exclusive OR/Exclusive NOR Gate 0.3A, 2.7 to 5.5V Dual (2 Input/ 2 Output) High-Side MOSFET Switch IC, Fault Reporting, 2 Act-Lo En 8-SOIC 0 to 85 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc Motorola Mobility Holdings, Inc.
|
H11AA1-M H11AA1-MS H11AA1-MSR2 H11AA1-MSR2V H11AA1 |
AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER 8360 TBGA ENCRP NO-PB 6-Pin DIP AC Input Phototransistor Output Optocoupler
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ACS32HMSR-03 ACS32D ACS32K ACS32MS 5962F9862401VCC |
Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, UUC16 Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input OR Gate(抗辐射四2输入或门)
|
Intersil, Corp. Intersil Corporation
|
INA22NBSP INA22 |
2-input NAND gate with one inverted input 2x drive strength From old datasheet system
|
Austria Mikro Systems AMSCO[austriamicrosystems AG]
|