PART |
Description |
Maker |
MAX6660AEET |
Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
|
MAXIM - Dallas Semiconductor
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
EP9430-800 EP9430-13 EP9430-95 EP9430-45 EP9430-40 |
Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 20-PDIP Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 20-PDIP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package DELAY LINE|FIXED TAPS|1-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料
|
Fairchild Semiconductor, Corp.
|
AS2540NBSP AS2540Q AS2540 |
Remote Controlled Single-Chip-Telephone
|
AMSCO[austriamicrosystems AG]
|
LTC2997 LTC2997-15 |
Remote/Internal Temperature Sensor
|
Linear Technology
|
ADM1032ARMZ-2R ADM1032ARMZ-2RL7 ADM1032ARZ-001 ADM |
±1?/a> Remote and Local System Temperature Monitor ±1 Remote and Local System Temperature Monitor
|
ON Semiconductor http://
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX6686 MAX6685 |
Dual-Output Remote-Junction Temperature Switches
|
MAXIM - Dallas Semiconductor
|
MAX6511 MAX6513 MAX6512 |
"Low-Cost, Remote SOT Temperature Switches"
|
Maxim
|
MAX6513TT105 |
Low-Cost, Remote SOT Temperature Switches
|
MAXIM INTEGRATED PRODUCTS INC
|
G766 |
Remote Temperature Sensor with SMBus Serial Interface
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|