PART |
Description |
Maker |
MAX4736EUB MAX4736EGC MAX4736 |
Automotive Catalog 3.3-V CAN Transceivers 8-SOIC -40 to 125 0.8 Low-Voltage Single-Supply Dual SPDT Analog Switch "0.8|?, Low-Voltage, Single- Supply, Dual SPDT Analog Switch" 0.8, Low-Voltage, Single-Supply, Dual SPDT Analog Switch From old datasheet system 0.8з, Low-Voltage, Single-Supply, Dual SPDT Analog Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX1135BEAP MAX1134 MAX1134BCAP MAX1134BEAP MAX113 |
16-Bit ADCs / 150ksps / 3.3V Single Supply From old datasheet system Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 16-Bit ADCs, 150ksps, 3.3V Single Supply 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 16-Bit ADCs.150ksps.3.3V Single Supply 150ksps6位ADC.3V单电源供
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL84525IU ISL84524IU ISL84524 ISL84525 |
Analog Switch, DPDT, Low-Voltage, Ron = 92 @ 5V, Single Supply 2V to 12V, with inhibit Multiplexer, Demultiplexer, 4 Channel, Low-Voltage, Ron = 92 @ 5V, Single Supply 2V to 12V, With Inhibit Low-Voltage Single Supply 4 to 1 Multiplexer and DPDT Analog Switches Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
|
INTERSIL[Intersil Corporation]
|
AD5384BBC-5REEL7 AD5384BBC-3REEL7 AD5384BBCZ-5 AD5 |
40-Channel, 3 V/5 V Single Supply,14-Bit, Serial Voltage-Output DAC; Package: CSPBGA (10x10x1.35); No of Pins: 100; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, PBGA100 40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
AM79M576A-1 AM79M576A AM79M576A-2 AM79M576A-2JC AM |
Motor Driver IC; Supply Voltage Max:13.2V; Output Current Max:0.5A; Package/Case:8-SOIC; Driver Type:Motor; Leaded Process Compatible:Yes; Output Current:1.5A; Peak Reflow Compatible (260 C):Yes; Supply Voltage Min:3.8V 计量用户线接口电 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Metering Subscriber Line Interface Circuit
|
Advanced Micro Devices, Inc.
|
M29W004B M29W004B-100N1TR M29W004B-100N5TR M29W004 |
NOT FOR NEW DESIGN - 4 MBIT (512KB X8, BOOT BLOCK) LOW VOLTAGE SINGLE SUPPLY FLASH MEMORY 4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX406 MAX406A MAX406B MAX418 MAX407 MAX419 MAX409 |
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps 1.2レA Max, Single/Dual/Quad, Single-Supply Op Amps 1.2A Max, Single/Dual/Quad, Single-Supply Op Amps 1.2ヌA MAX, SINGLE/DUAL/QUAD, SINGLE-SUPPLY OP AMPS 1.2A Max / Single/Dual/Quad / Single-Supply Op Amps 1.2microA max, dual, single-supply op amp.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ISL540540709 |
Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
|
Intersil Corporation
|
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply Voltage:48V; Output Voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|