PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC74VHCT244ADT MC74VHCT244A ON1748 MC74VHCT244ADW |
From old datasheet system OCTAL BUS BUFFER/LINE DRIVER INVERTING WITH 3-STATE OUTPUTS Octal Bus Buffer/Line Driver with 3-State Outputs
|
http:// ON Semiconductor Motorola
|
74VHC240 74VHC240M 74VHC240T 6171 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED) From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TC74HC541A TC74HC541AF TC74HC541AFW TC74HC541AP |
OCTAL BUS BUFFER NON-INVERTING, 3-STATE OUTPUTS (TC74HC540A / TC74HC541A) OCTAL BUS BUFFER INVERTING/NON-INVERTING 3-STATE OUTPUTS
|
Toshiba Semiconductor
|
74VHCT541AM 74VHCT541AMTR 74VHCT541ATTR |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics
|
74ACT24001 74ACT240B 74ACT240TTR 74ACT240M 74ACT24 |
OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
|
ST Microelectronics STMicroelectronics
|
74AC24401 74AC244MTR 74AC244M 74AC244B |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMicroelectronics ST Microelectronics
|
74VHCT541A04 74VHCT541AMTR 74VHCT541ATTR |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMicroelectronics
|
TC74VHC540F TC74VHC540FT TC74VHC540FW TC74VHC541F |
OCTAL BUS BUFFER INVERTED, 3-STATE OUTPUTS OCTAL BUS BUFFER NON-INVERTED, 3-STATE OUTPUTS
|
TOSHIBA
|