PART |
Description |
Maker |
MAX520 MAX521BC/D MAX520-MAX521 MAX521ACWG-T MAX52 |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDIP16 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 Quad/Octal / 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
LTC2600 LTC2610 |
(LTC2600 - LTC2620) 3V/5V Octal 12-bit Rail-to-rail DAC
|
Linear Technology
|
LTC2600IGN LTC2600 |
LTC2600, 3V/5V Octal 16-bit Rail-to-rail DAC, SSOP-16
|
LINEAR
|
LTC2605CGN-1PBF LTC2605CGN-1TRPBF LTC2605CGNPBF LT |
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16
|
Linear Technology, Corp.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
LTC1665 LTC1660 LTC1660C LTC1660CGN LTC1660CN LTC1 |
Micropower Octal 8-Bit and 10-Bit DACs OCTAL, SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO16 Micropower Octal 8-Bit and 10-Bit DACs 微八进制8位和10位DAC
|
Linear Technology Corporation Linear Technology, Corp. LINER[Linear Technology]
|
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
LTC1669 1669F LTC1669-1CS5 LTC1669CS5 LTC1669IMS8 |
Replaced by TLV5617A : 10-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Simultaneous Update, Low Power 8-SOIC 0 to 70 10-Bit Rail-to-Rail Micropower DAC with I2C Interface From old datasheet system 10-Bit Rail-to-Rail Micropower DAC with I²C Interface; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO5
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
PLQ16L8-5A PLQ16L8-5N PLQ16R4-5A PLQ16R8-5A PLQ16R |
Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD
|
NIC Components, Corp.
|
AM27C256-70/BXA AM27C256-120LEB AM27C256-90LCB AM2 |
Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1-/2-Channel 24-Bit µPower No Latency Delta-Sigma ADC in MSOP-10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 24-Bit High Speed 8-/16-Channel Delta Sigma ADCs with Selectable Speed/Resolution; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Rochester Electronics, LLC
|
LTC1658 1658F LTC1658CMS8 LTC1658CN8 LTC1658CS8 LT |
14-Bit Rail-to-Rail Micropower DAC in MSOP SERIAL INPUT LOADING, 12 us SETTLING TIME, 14-BIT DAC, PDIP8 From old datasheet system
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
AD5300BRTZ-500RL7 AD5300BRT-REEL AD5300BRM-REEL AD |
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23 SERIAL INPUT LOADING, 4 us SETTLING TIME, 8-BIT DAC, PDSO6
|
Analog Devices, Inc. ANALOG DEVICES INC
|