PART |
Description |
Maker |
MAX5023 MAX5023ASA MAX5023-MAX5024 MAX5024 MAX5024 |
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with μP Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with P Reset and Watchdog Timer " 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?P Reset and Watchdog Timer" 65V Low-Quiescent-Current High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V / Low-Quiescent-Current / High-Voltage Linear Regulators with P Reset and Watchdog Timer 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with レP Reset and Watchdog Timer 65V、低静态电流、高压线性稳压器,带有微处理器复位及看门狗定时器 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with µP Reset and Watchdog Timer FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO8 65V, Low-Quiescent-Current, High-Voltage Linear Regulators with ?? Reset and Watchdog Timer
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MCP6542 MCP6542-I/MS MCP6542-I/P MCP6542-I/SN MCP6 |
The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... Push-Pull Output Sub-Microamp Comparators The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the 16 lead PDIP, SOIC and 14 lead TSSOP pack The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package, The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package. The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC, MSOP and five le The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current ... The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... From old datasheet system IC,VOLT COMPARATOR,DUAL,CMOS,TSSOP,8PIN,PLASTIC
|
Microchip Technology Inc.
|
MIC5238-1.1BD5 MIC5238-1.1BM5 MIC5238-1.3BD5 MIC52 |
Ultra-Low Quiescent Current, 150mA Cap LDO Regulator 1.1 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO6 Ultra-Low Quiescent Current, 150mA Cap LDO Regulator 1.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO6 Ultra-Low Quiescent Current, 150mA uCap LDO Regulator Ultra-Low Quiescent Current 150mA ?Cap LDO Regulator Ultra-Low Quiescent Current, 150mA ?Cap LDO Regulator Ultra-Low Quiescent Current/ 150mA Cap LDO Regulator
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
RT9170 RT9170-12GB RT9170-12GV RT9170-12GX RT9170- |
300mA, 15μA Quiescent Current CMOS LDO Regulator 300mA, 15レA Quiescent Current CMOS LDO Regulator
|
Richtek Technology Corporation
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
6110.3300 |
IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
MCP6547 MCP6549 MCP6546 MCP6548 MCP6547-I/MS MCP65 |
The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the sixteen lead The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead PD The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead The MCP6548 is an Open Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... OPEN-DRAIN OUTPUT SUB-MICROAMP COMPARATORS
|
MICROCHIP[Microchip Technology]
|
MC35080 MC35080AU MC35080U MC35081AU MC35085 MC340 |
HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS (MC35080 - MC35085) High Performance JFET Input Operational Amplifiers Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SOT-23 -40 to 125 Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SON -40 to 125
|
MOTOROLA[Motorola, Inc] Motorola, Inc.
|
LT8610AC-1-15 LT8610AC-15 |
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current 42V, 3.5A Synchronous Step-Down Regulator with 2.5μA Quiescent Current
|
Linear Technology
|
|