PART |
Description |
Maker |
LT3023EMSE LT3023 LT3023EDD |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
|
LINER[Linear Technology]
|
LT3024 3024FS |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator From old datasheet system
|
linear
|
MIC5202-5.0BM MIC5202-4.8BM MIC5202-3.0BM MIC5202- |
Dual 100mA Low-Dropout Regulator
|
Micrel Semiconductor
|
LT3023IMSE LT3023EDDTR LT3023IDDPBF |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C DUAL OUTPUT, ADJUSTABLE POSITIVE LDO REGULATOR, PDSO10 Dual 100mA, Low Dropout, Low Noise, Micropower Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LDO58 |
IP Library: Ultra Low Noise, Low power, 100mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3060MPTS8 LT3060EDCPBF LT3060IDCPBF LT3060HTS8 L |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology
|
LT3020 |
100mA, Low Voltage, Very Low Dropout Linear Regulators
|
linear
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
CS8101YTVA5 CS8101YTHA5 CS8101 CS8101YD8 CS8101YDR |
Micropower 5V/ 100mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] N.A. ZF Electronics Corporation
|
ILC7071AIM533X ILC7071 ILC7071AIM525X ILC7071AIM52 |
0.10A Low Dropout Voltage Regulator 100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LX8819 LX8819-25CDF LX8819-25CDT LX8819-33CDT LX88 |
DUAL OUTPUT, FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Dual Channel 1A Low Dropout Regulator
|
MICROSEMI[Microsemi Corporation]
|
|