PART |
Description |
Maker |
LT1615-1 |
Micropower Step-Up DC/DC Converters in SOT-23(微功耗步DC/DC变换器(SOT-23封装 微功耗升压型DC / DC转换器采用SOT - 23(微功耗步升直直流变换器(采用SOT - 23封装)) Micropower Step-Up DC/DC Converters in SOT-23(寰???????C/DC??????SOT-23灏??锛?
|
Linear Technology, Corp. Linear Technology Corporation
|
LT1761-2.5 LT1761-3.3 |
100mA, Low Noise, LDO Micropower Regulators in SOT-23(2.5V输出00mA,低噪声,低压差稳压器(SOT-23封装 100mA, Low Noise, LDO Micropower Regulators in SOT-23(3.3V输出00mA,低噪声,低压差稳压器(SOT-23封装
|
Linear Technology Corporation
|
LT1790 LT1790BIS6-3 LT1790AIS6-3 LT1790BIS6-5 LT17 |
Micropower SOT-23 Low Dropout Reference Family
|
Linear Technology
|
ADT6503ARJP005 ADT6504 ADT6504ARJN005 ADT6501ARJP1 |
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
|
AD[Analog Devices]
|
ADT6503 ADT6504 |
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from 5°C to 15°C)
|
Analog Devices
|
LT1615 LT1615-1 LT1615ES5 LT1615ES5-1 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Micropower Step-Up DC/DC Convertersin SOT-23 0.4 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Convertersin SOT-23 微功率升压直直流Convertersin的SOT - 23
|
http:// LINER[Linear Technology] Linear Technology, Corp.
|
PN1009 PN1010 PN1011 PN1072 PN1073 PN1074 PN1000 |
17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C 17MHz to 170MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C Micropower, Low Voltage Comparator with 400mV Reference; Package: DFN; No of Pins: 3; Temperature Range: -40°C to 85°C Micropower, Low Voltage Comparator with 400mV Reference; Package: DFN; No of Pins: 3; Temperature Range: -40°C to 85°C 接口IC
|
Fairchild Semiconductor, Corp.
|
LTC1982 LTC1981ES5 LTC1982ES6 LTC1981 |
Dual Micropower High Side Switch Converter in SOT-23 Single and Dual Micropower High Side Switch Controllers in SOT-23
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
KSFLOD12800-12-1280 |
PHASE LOCKED DRO OSCILLATOR
|
SYNERGY MICROWAVE CORPO...
|
LTC1981ES5TRMPBF |
Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
NJU7019 NJU7019R |
LOW-VOLTAGE OPERATION DUAL C-MOS OPERATIONAL AMPLIFIER 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|