PART |
Description |
Maker |
LT1721IGNTRPBF LT1721CSTRPBF LT1721CGNTRPBF LT1720 |
Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD COMPARATOR, 4500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO16 Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD COMPARATOR, 4500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO16 Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD COMPARATOR, 4500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO16 Dual, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1720 1720I |
Dual, 4.5ns, Single Supply 3V/5V Comparator with Rail-to-Rail Outputs From old datasheet system
|
Linear
|
EDI2CG472128V10D2 EDI2CG472128V85D2 EDI2CG472128V- |
4x128Kx72, 3.3V Sync/Sync Burst SRAM(4x128Kx72, 3.3V0ns,同步/同步脉冲静态RAM模块) 4x128Kx723.3同步/同步突发静态存储器x128Kx723.3伏,10纳秒,同同步脉冲静态内存模块) 4x128Kx72, 3.3V Sync/Sync Burst SRAM(4x128Kx72, 3.3V.5ns,同步/同步脉冲静态RAM模块) 4x128Kx72.3同步/同步突发静态存储器x128Kx72.3伏,8.5ns,同同步脉冲静态内存模块) 4x128Kx72, 3.3V Sync/Sync Burst SRAM(4x128Kx72, 3.3V锛?.5ns,???/?????????RAM妯″?) SSRAM Modules
|
Bourns, Inc. Electronic Theatre Controls, Inc.
|
GS881Z18AT-133 GS881Z18AT-133I GS881Z18AT-150 GS88 |
133MHz 8.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 150MHz 7.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 166MHz 7ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 200MHz 6.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 225MHz 6ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM 250MHz 5.5ns 512K x 18 8Mb pupelined and flow through sync NBT SRAM
|
GSI Technology
|
GS8322Z18B-166I GS8322Z18B-225 GS8322Z18B-225I GS8 |
166MHz 8.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 225MHz 6.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 133MHz 11ns 2M x 18 36Mb NBT pipelined/flow through SRAM 150MHz 10ns 2M x 18 36Mb NBT pipelined/flow through SRAM 200MHz 7.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM
|
GSI Technology
|
EDI2CG272128V9D1 EDI2CG272128V12D1 EDI2CG272128V15 |
2x128Kx72, 3.3V S nc/S nc Burst Flow-Through(2x128Kx72, 3.3Vns,同步/同步脉冲静态RAM模块(流通结构)) 2x128Kx72, 3.3V S nc/S nc Burst Flow-Through(2x128Kx72, 3.3V2ns,同步/同步脉冲静态RAM模块(流通结构)) 2x128Kx72, 3.3V S nc/S nc Burst Flow-Through(2x128Kx72, 3.3V5ns,同步/同步脉冲静态RAM模块(流通结构)) 2x128Kx72.3VS数控/ s的数控突发流量通过x128Kx72.3伏,15纳秒,同同步脉冲静态内存模块(流通结构) 2x128Kx72.3VS数控/ s的数控突发流量通过x128Kx72.3伏,12ns,同同步脉冲静态内存模块(流通结构) 2x128Kx72.3VS数控/ s的数控突发流量通过x128Kx72.3伏,纳秒,同同步脉冲静态内存模块(流通结构) SSRAM Modules 的SSRAM模块 2x128Kx72, 3.3V Sync/Sync Burst Flow-Through(2x128Kx72, 3.3V.5ns,同步/同步脉冲静态RAM模块(流通结构)) 2x128Kx72.3同步/同步突发流量通过2x128Kx72.3伏,8.5ns,同同步脉冲静态内存模块(流通结构) 2x128Kx72, 3.3V Sync/Sync Burst Flow-Through(2x128Kx72, 3.3V锛?.5ns,???/?????????RAM妯″?(娴??缁??锛?
|
White Electronic Designs Corporation
|
M74HC534 M74HC534B1R M74HC534C1R M74HC534F1R M74HC |
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC374 NON INVERTING - HC534 INVERTING 8-Bit, 1.25 MSPS Single Ch., Hardware Config., Low Power w/Auto or S/W PowerDown 24-TSSOP -40 to 85 八路D型触发器态输出的非反相HC374 - HC534反向 4.5ns Rail-to-Rail, High Speed Comparator in Microsized Packages 8-SOIC -40 to 125
|
ST Microelectronics STMicroelectronics N.V.
|
GS8160Z36T-133I |
8.5ns 133MHz 512K x 36 18MB pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
LC4128V-10T100I |
IC,COMPLEX-EEPLD,128-CELL,10.5NS PROP DELAY,QFP,100PIN,PLASTIC
|
lattice
|
A67L7332SERIES A67L7336SERIES A67L8316SERIES A67L8 |
Cycle time:7ns; access time:4.5ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4.2ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4.2ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4ns; 128K x 32 LVTTL, pipelined DBA SRAM 256K X 16/18. 128K X 32/36 LVTTL. Pipelined DBA SRAM 256 × 16/18128K的X 32/36 LVTTL等级。流水线数据库管理员的SRAM 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM Cycle time:7ns; access time:4.5ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:7.5ns; access time:4.2ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:8.5ns; access time:4.5ns; 128K x 32 LVTTL, pipelined DBA SRAM
|
AMIC Technology, Corp.
|
5962-9312204MUX 5962-9312204MZX 5962-9312203MUX |
x16 EPROM Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps x16存储
|
Vicor, Corp.
|
|