PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRLBA3803 IRLBA3803-P IRLBA3803/P IRLBA3803PPBF IR |
30V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package 30V的单个N -沟道HEXFET功率MOSFET的在超级220(到273AA)封 HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFR9110TRL IRFU9110 IRFR9110 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFR214 IRFU214 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
|
IRF[International Rectifier]
|
IRFPE50 IRFPE50PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
|
International Rectifier
|
IRFBG20 |
1000V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
|
IRF[International Rectifier]
|