PART |
Description |
Maker |
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRL640S IRL640STRL IRL640STRR |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET HEXFET-R POWER MOSFET
|
IRF[International Rectifier]
|
IRLR024 IRLR024TRL IRLR024TRR |
HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 60V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRL1404L IRL1404S 2227 |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET-R Power MOSFET From old datasheet system HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRL3202S 2247 |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V的单个N -沟道HEXFET功率MOSFET的一项D2 - PAK封装 From old datasheet system HEXFET? Power MOSFET
|
International Rectifier, Corp.
|
IRLBA3803 IRLBA3803-P IRLBA3803/P IRLBA3803PPBF IR |
30V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package 30V的单个N -沟道HEXFET功率MOSFET的在超级220(到273AA)封 HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFS42N20D IRFSL42N20D IRFB42N20D |
200V Single N-Channel HEXFET Power MOSFET in a TO-262 package (IRFx42N20D) High frequency DC-DC converters HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRF7475 |
HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters From old datasheet system 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRFBG20 |
1000V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
|
IRF[International Rectifier]
|