PART |
Description |
Maker |
CBT16210 CBT16210DL CBT16210DGG CBT16210DL-T |
20-bit bus switch with 10-bit output enables - # of Bits per Enable: 10 ; Description: Bus Switch ; Flow Through Pinout: yes ; Number of bits: 20 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT16210; 20-bit bus switch with 10-bit output enables
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
FSTUD16450 FSTUD16450MTD FSTUD16450GX FSTUD16450MT |
Bus Switch CBT/FST/QS/5C/B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IDTQS3R245 QS3R245_DS_47627 QS3R245Q |
8-Bit, 2.5 ohms Resistance Bus Switch HIGH-SPEED CMOS QUICKSWITCH 8-BIT LOW RESISTANCE BUS SWITCH From old datasheet system
|
IDT[Integrated Device Technology]
|
IDTQS316212 IDTQS316212PV IDTQS316212PA QS316212PA |
24-Bit Bus Switch/Exchange QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 24-BIT BUS-EXCHANGE SWITCH QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 24-BIT BUS-EXCHANGE SWITCH 316212 SERIES, 12 2-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDTQS32X383 QS32X383_DS_48958 QS32X383 QS32X383Q1 |
20-bit Bus Switch/Exchange From old datasheet system QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 20-BIT BUS EXCHANGE SWITCH
|
IDT
|
FST34170 FST34170MTD |
17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch 17位至34位复用器/解复用器总线开 17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch CBT/FST/QS/5C/B SERIES, 17 1 LINE TO 2 LINE MULTIPLEXER AND DEMUX/DECODER, TRUE OUTPUT, PDSO56
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FSTD3125 FSTD3125M FSTD3125MTC FSTD3125QSC FSTD312 |
4-Bit Bus Switch with Level Shifting From old datasheet system BUS SWITCH|CMOS|SOP|14PIN|PLASTIC BUS SWITCH|CMOS|TSSOP|14PIN|PLASTIC
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
ADG3242BCZ-SF3 ADG3242BRJZ-REEL7 ADG324206 ADG3242 |
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 3242 SERIES, 2-BIT DRIVER, TRUE OUTPUT, PDSO8 2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
|
Analog Devices, Inc.
|
IDTQS3VH383SO IDTQS3VH383 IDTQS3VH383PA IDTQS3VH38 |
2.5V / 3.3V 8-Bit High Bandwidth Bus Exchange Bus Switch QUICKSWITCH PRODUCTS 2.5V/3.3V 8-BIT HIGH BANDWIDTH BUS EXCHANGE BUS SWITCH
|
IDT[Integrated Device Technology]
|
FSTU162211 FSTU162211MTD |
24-Bit Bus Switch with .2V Undershoot Protection and 25蟹 Series Resistors in Outputs (Preliminary) 24-Bit Bus Switch with .2V Undershoot Protection and 25 Series Resistors in Outputs (Preliminary) 24-Bit Bus Switch with −2V Undershoot Protection 24-Bit Bus Switch with .2V Undershoot Protection and 25з Series Resistors in Outputs (Preliminary) 24-Bit Bus Switch with -2V Undershoot Protection and 25 Ohm Series Resistors in Outputs (Preliminary)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|