PART |
Description |
Maker |
AM29BDS643GT5KVAI AM29BDS643GT7KVAI AM29BDS643GT5G |
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA44 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 64兆位个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
S29CD016G0PQAI002 S29CD016G0MFAN001 S29CD016G0MFAN |
16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位12亩32位)的CMOS 2.5伏特,只有突发模式,双启动,同步写闪 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM29DL640G AM29DL640G70EIN AM29DL640G70WHE AM29DL6 |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
|
SPANSION AMD[Advanced Micro Devices]
|
AM29DL640H60EI AM29DL640H55EI D640H90VI AM29DL640H |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
|
SPANSION[SPANSION]
|
IDT74LVCH16701A 74LVCH16701A_DS_20952 |
3.3V CMOS 18-BIT READ/WRITE BUFFER From old datasheet system
|
IDT
|
AM29DL640H AM29DL640H55EE AM29DL640H60EE AM29DL640 |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 64 Megabit CMOS 3.0 Volt-only / Simultaneous Read/Write Flash Memory
|
AMD[Advanced Micro Devices]
|
AM75PDL191BHHA |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
|
Spansion Inc.
|
AM29BDD160GB17CPBE AM29BDD160GB17CPBF AM29BDD160GB |
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位 M中的x 16-bit/512亩32位).5伏的CMOS只突发模式,双启动,同步写闪
|
Advanced Micro Devices, Inc.
|
AM29BDS643DT9AWLI AM29BDS643DT9BWLI |
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
|
Advanced Micro Devices, Inc.
|
S29WS128J |
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
|
Spansion Inc.
|
AM29PDL640G AM29PDL310G98WHI AM29PDL310G98WHIN AM2 |
CAP 0.022UF 50V 5% X7R SMD-0603 TR-7 PLATED-NI/SN 64兆位个M x 16位).0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 64兆位M x 16位).0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 64兆位个M x 16位).0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆
|
Advanced Micro Devices Spansion Inc. Spansion, Inc.
|
AM29PDS322D |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
|
Advanced Micro Devices
|