PART |
Description |
Maker |
GS840E18AB-190 GS840E18AT-190I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
GS840F18AT-10I GS840F18AT-12 GS840F18AT-7.5 GS840F |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
GS84032AT-100 GS84036AT-150 GS84036AT-150I GS84018 |
256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI[GSI Technology] ETC
|
CY7C1347F-166AC CY7C1347F-166AI CY7C1347F-166BGC C |
4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA165 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PQFP100 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 2.8 ns, PBGA119 4-Mbit (128K x 36) Pipelined Sync SRAM 4兆位28K的36)流水线同步静态存储器
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS880V36BT-250 GS880V18BT-333 GS880V18BT-250 GS880 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 5 ns, PQFP100
|
GSI Technology, Inc. http://
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
AT49BV2048 AT49LV2048 AT49LV2048A AT49LV2048A-70RC |
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 2兆位56 × 8/128K × 16)单2.7伏电池电压⑩闪存 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 3V PROM, 70 ns, PDSO44 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 120 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage⑩ Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage?/a> Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
GS816272CC-333 GS816272CGC-30I GS816272CC-300 GS81 |
256K x 72 18Mb S/DCD Sync Burst SRAMs 256K X 72 CACHE SRAM, 4.5 ns, PBGA209 256K x 72 18Mb S/DCD Sync Burst SRAMs 256 × 72 35.7的S /双氰胺同步突发静态存储器 256K x 72 18Mb S/DCD Sync Burst SRAMs 256K X 72 CACHE SRAM, 5 ns, PBGA209 256K x 72 18Mb S/DCD Sync Burst SRAMs 256K X 72 CACHE SRAM, 7.5 ns, PBGA209
|
GSI Technology, Inc.
|
GS881E18BD-200IV GS881E36BGT-200V |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
256KX18 128KX36 IS61NVP25618A IS61NLP12832B-200B2 |
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 TQFP-100 128K X 36 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. Integrated Silicon Solu...
|
|