PART |
Description |
Maker |
IPM6220EVAL1 ISL6235CA ISL6235 ISL6235EVAL1 |
27.0; advanced triple PWM only mode and dual linear power controller for portable applications PWM Controller, Triple Linear and Dual PWM, 5.6 to 24V Input, Outputs 5/ 3.3V ALWAYS and 5V/ 3.3V Main, 12V, Notebook PCs Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 只有先进的三重的PWM模式和双线性电源控制器,用于便携式应用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HIP652106 HIP6521CBZ HIP6521EVAL1 HIP6521 HIP6521C |
PWM and Triple Linear Power Controller
|
INTERSIL[Intersil Corporation]
|
HIP6021A01 HIP6021EVAL1 HIP6021A HIP6021ACB |
Advanced PWM and Triple Linear Power Controller
|
INTERSIL[Intersil Corporation]
|
IPM6220A |
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
|
Intersil Corporation
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
HIP6021CBZ-T |
Advanced PWM and Triple Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R SWITCHING CONTROLLER, 215 kHz SWITCHING FREQ-MAX, PDSO28
|
Intersil, Corp.
|
APW7055CNC-TR APW7055CNC-TRL APW7055CNC-TU APW7055 |
Advanced PWM and Linear Power Controller
|
http:// ANPEC[Anpec Electronics Coropration]
|
APW7035CKC-TR APW7035CKC-TU APW7035-12KC-TR APW703 |
1.8-2.4 V,advanced PWM and linear power controller 1.25 V,advanced PWM and linear power controller 2.05 V,advanced PWM and linear power controller 1.0-1.35 V,advanced PWM and linear power controller 1.4-1.75 V,advanced PWM and linear power controller 2.5-3.2 V,advanced PWM and linear power controller
|
ANPEC Electronics Corporation
|
APW7025KC-TR APW7025KC-TU |
15 V,advanced PWM and dual linear power controller
|
ANPEC Electronics Corporation
|
APW7026-12KC-TR APW7026-12KC-TU |
1.25 V,advanced PWM and dual linear power controller
|
ANPEC Electronics Corporation
|
RT9227AGS RT9227APS RT9227A07 RT9227A |
Advanced PWM and Dual Fixed Linear Power Controller
|
Richtek Technology Corp... Richtek Technology Corporation
|