PART |
Description |
Maker |
3PF0 |
(3PF0 / 3PF8) RECTIFIE
|
Semtech Corporation
|
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
APT30D20SG APT30D20B APT30D20B_05 APT30D20BG APT30 |
30 A, 200 V, SILICON, RECTIFIER DIODE, TO-247 Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Advanced Power Technolo... Microsemi, Corp. ADPOW[Advanced Power Technology]
|
GBLCSC05 GBLCSC03 GBLCSC05C GBLCSC03C GBLCSC05-T13 |
ULTRA LOW CAPACITANCE TVS ARRAY 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE 200 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SR16200C SR1645C SR16200A |
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 16.0 Ampere 16 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Rectron Semiconductor RECTRON LTD
|
CBR50-020P CBR50-060P |
50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS 50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS 50 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Bourns, Inc. Central Semiconductor, Corp.
|
APT15S20KCTG APT15S20KCT |
Schottky Center Tap RECTIFIER; Package: TO-220 [K]; VR (V): 200; IO (A): 15; VF (V): 0.8; trr (nsec): 20; Qrr (nC): 440; 25 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB HIGH VOLTAGE SCHOTTKY DIODE
|
MICROSEMI POWER PRODUCTS GROUP Microsemi, Corp. Microsemi Corporation
|
STTH3002CG-TR STTH3002CR STTH3002CW |
15 A, 200 V, SILICON, RECTIFIER DIODE 15 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC
|
STMICROELECTRONICS
|
1N387907 1N3883R 1N3879R 1N381 1N382 1N3882R |
Fast Recovery Rectifier Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 400; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 50; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 300; trr (nsec): 200; VF (V): 1.4; IR (µA): 15;
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
|