PART |
Description |
Maker |
FM25L16 FM25L16-G FM25L16-DG FM25L16DS_R2.0 |
From old datasheet system Serial Stand Alone SPI Family 16KB FRAM SERIAL 3V MEMORY
|
Electronic Theatre Controls, Inc. ramtron ETC List of Unclassifed Manufacturers
|
FM25640 FM25640DS_R3.0 FM25640-G FM25640-S FM25640 |
Serial Stand Alone SPI Family From old datasheet system 64Kb FRAM Serial Memory
|
Ramtron International C... Ramtron International Corporation
|
MT8920BP |
ISO-CMOS ST-BUS?FAMILY ST-BUS Parallel Access Circuit
|
Mitel Networks Corporat...
|
74FCT299ATQ 54FCT299TDB |
PARALLEL IN PARALLEL OUT SHIFT REGISTER, PDSO20 PARALLEL IN PARALLEL OUT SHIFT REGISTER, CDIP20
|
INTEGRATED DEVICE TECHNOLOGY INC
|
SAE81C90 SAE81C91 SAE81C91N SAE81C90N |
Stand Alone Full CAN Controller Stand-alone CAN - Standalone full CAN controller
|
Infineon
|
HCF4035 HCF4035B HCF4035BC1 HCF4035BEY HCF4035BM1 |
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER Differential Bus Transceiver 8-SO 0 to 70
|
STMICROELECTRONICS[STMicroelectronics]
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
MMC4035 |
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
|
Micro Electronics
|
CAT28C257 CAT28C257HN-12 CAT28C257PI-90T CAT28C257 |
256K CMOS parallel EEPROM 90ns 256K CMOS parallel EEPROM 150ns 256K CMOS parallel EEPROM 120ns 256K-Bit CMOS PARALLEL E2PROM
|
http:// CATALYST[Catalyst Semiconductor]
|
MAX1293BCEG |
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Products, Inc.
|