PART |
Description |
Maker |
FIN1101 |
LVDS Single Port High Speed Repeater
|
Fairchild
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
USB-0502 |
A single USB port 10/100/1000Mbps wire speed transmission and reception Built-in 3-Port Super Speed USB 3.0 hub
|
Level One
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
STLVDS105BD STLVDS105BDR |
4-PORT LVDS AND 4-PORT TTL TO LVDS REPEATERS
|
ST Microelectronics
|
IDT70T9159L12PF1 IDT70T9159L7BF1 IDT70T9159L9PF1 I |
HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.5V6/8K × 9同步流水线双端口静态RAM HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 16K X 9 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Technology, Inc.
|
IDT7132SA20C IDT7132SA20CB IDT7132SA20F IDT7132SA2 |
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM 2K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM 2K X 8 DUAL-PORT SRAM, 35 ns, PQCC52 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM 2K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM 2K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM 2K X 8 DUAL-PORT SRAM, 25 ns, PQCC52
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
IDT70125 IDT70125L45JGI IDT70125L55JGI IDT70125L35 |
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT 2K X 9 DUAL-PORT SRAM, 35 ns, PQCC52
|
Integrated Device Technology, Inc.
|