PART |
Description |
Maker |
EL510007 EL5300IU EL5300IU-T13 EL5300IU-T7 EL5300I |
200MHz Slew Enhanced VFA
|
Intersil Corporation
|
UM488EEPA |
Enhanced Slew-Rate Limiting Facilitates Error-Free Data Transmission
|
Union Semiconductor, In...
|
MC33661PEF MC33661PEFR2 |
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
|
Freescale Semiconductor, Inc
|
D2008UK D2008 |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(5W-28V-400MHz,Single Ended)(镀金多用DMOS射频硅场效应5W-28V-400MHz,单端) METAL GATE RF SILICON FET
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
HS-2520RH01 HS-2520RH |
Op Amp, Single, 20MHz, High Slew Rate 120V/s (Typ), Rad-Hard Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
|
Intersil Corporation
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM483 ADM483AR ADM483AR-REEL7 ADM483JR ADM483JR-R |
5V Low Power, Slew-Rate Limited 5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
AD[Analog Devices] ANALOG DEVICES INC
|
IDT723632 IDT723622 IDT723642 IDT723622L30PF IDT72 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP -40 to 105 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 1K X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP120 CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP132
|
Integrated Device Technology, Inc.
|
HA-2850 HA9P2850-5 FN2844 |
470MHz, Low Power, High Slew Operational Amplifier From old datasheet system 470MHz Low Power High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate Operational Amplifier 470MHz/ Low Power/ High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate
Operational Amplifier(470MHz、低功耗、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|