PART |
Description |
Maker |
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Q4008L4 Q2N4 Q6004F31 Q6004F41 Q6004L4 Q6004L3 Q2N |
Triacs (0.8 A to 35 A) Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:6; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Triacs (0.8 A to 35 A) 双向0.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A5甲) Triacs (0.8 A to 35 A) 双向.8 A35甲) TV 6C 6#22D PIN WALL RECP TRIACS (0.8A TO 35A) RoHS Compliant
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
Z0405MF Z0405MF0AA2 Z0405MF1AA2 Z0405NF Z0405NF0AA |
4A TRIACS From old datasheet system Triacs, 4A, 700V, sensitivity 25mA Triacs, 4A, 600V, sensitivity 25mA
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
BTA312X-800B |
12 A Three-quadrant triacs triacs high commutation
|
NXP Semiconductors
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA24 BTA24-600 BTA24-600B BTA24-600BW BTA24-600CW |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 65C; Standard 2 x 1 Package STANDARD TRIACS 25A TRIACS 25A条双向可控硅
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
BT134W BT134W-500 BT134W-500F BT134W-500G BT134W-6 |
5541231100 WITH 5650211 RoHS Compliant: Yes 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC 5541231100 WITH 5650411 RoHS Compliant: Yes Transient Voltage Suppressor Diodes Triacs logic level Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA212B BTA212B-500B BTA212B-800B BTA212BSERIESB |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
Philips Semiconductors
|
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BT139 BT139-600E |
Passivated, sensitive gate triacs in a SOT78 (TO-220AB) plastic package. BT139 series E Triacs; sensitive gate
|
NXP Semiconductors
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|