PART |
Description |
Maker |
TC4021BF TC4021BFN TC4021BP E400007 TC4021 |
From old datasheet system 8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
BCR08AS-12A-T24 BCR08AS-12 BCR08AS-12A-T14 |
8-input NAND gate Dual 2-wide 2-input, 2-wise 3-input AND-OR-invert gate Triac Low Power Use
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M74HC30B1R M74HC30 M74HC30RM13TR M74HC30TTR M74HC3 |
8 INPUT NAND GATE 8-INPUT NAND GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Q temp available 8-SOIC
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
5B45 5B46-CUSTOM 5B45-01 5B45-02 5B45-03 5B45-04 5 |
Isolated Frequency Input 0 to 250 kHz Input Signal Conditioning Module Isolated, Frequency Input SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
HEC4002BT HEC4002BT112 |
Dual 4-input NOR gate; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDSO14 HEF4002B gates; Dual 4-input NOR gate
|
NXP Semiconductors N.V. Philips
|
7B40-08-2 7B40 7B40-01-1 7B40-01-2 7B40-02-1 7B40- |
Isolated Voltage or Current Input Wide Band Isolation Input Module
|
Analog Devices, Inc. AD[Analog Devices]
|
STRW6252D |
60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
|
Sanken Electric
|
FM-704A/883 |
EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
|
Standard Power
|