PART |
Description |
Maker |
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
2N6496 2N5039 2N5038 |
HIGH-CURRENT, HIGH-POWER HIGH-SPEED SILICON N-P-N PLANAR TRANSISTORS
|
GESS[GE Solid State]
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
2N3725 |
HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
|
Seme LAB
|
CMPD4150 |
high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
BUX41 |
HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
|
Comset Semiconductor
|
BUX20 |
HIGH CURRENT HIGH SPEED HIGH POWER TRANSISTOR
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
EL7144C |
Dual Input High Speed High Current Power MOSFET Driver
|
Elantec
|
XC64051 XC6405DE90MR XC6405DE91MR |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
Torex Semiconductor http://
|
XC6405 XC6405C XC6405A XC6405B XC6405CE81MR XC6405 |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
TOREX[Torex Semiconductor]
|