PART |
Description |
Maker |
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
OP793 OP798 |
NPN Pho to tran sis tor with Base- Emitter Resistor
|
OPTEK Technologies
|
NESG2101M16 NESG2101M16-T3 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR 邻舍npn型硅锗高频陈德良SIS的职权范
|
NEC, Corp. NEC[NEC]
|
2SB1371 |
Silicon PNP triple diffusion planar type(For high power amplification) 6 A, 120 V, PNP, Si, POWER TRANSISTOR
|
TE Connectivity, Ltd. PANASONIC[Panasonic Semiconductor]
|
2SB1154 |
FILTER PLATE 10 A, 80 V, PNP, Si, POWER TRANSISTOR Silicon PNP epitaxial planar type(For power switching)
|
EPCOS AG PANASONIC[Panasonic Semiconductor]
|
MJE5731A MJE5731 MJE5730 ON2039 |
POWER TRANSISTORS PNP SILICON 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1.0 AMPERE POWER TRANSISTORS From old datasheet system
|
ON Semiconductor
|
MJL21193 MJL21193-D MJL21194 |
Power 16A 250V NPN Silicon Power Transistors From old datasheet system TRANSISTOR,BJT,PNP,250V V(BR)CEO,160A I(C),TO-264 Power 16A 250V PNP
|
ON Semiconductor
|
MMDJ3P03BJT |
DUAL BIPOLAR POWER TRANSISTOR PNP SILICON 30 VOLTS 3 AMPERES 3 A, 30 V, 2 CHANNEL, PNP, Si, POWER TRANSISTOR, SO-8
|
Motorola Mobility Holdings, Inc.
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|