PART |
Description |
Maker |
AT28HC64B-12TI AT28HC64B-12TC AT28HC64B-55SC AT28H |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer with Input Latches 24-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 High Speed CMOS Logic Dual BCD Up-Counter 16-PDIP -55 to 125 64KK的8高速CMOS E2PROM的同页写入和软件数据保护 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 8K X 8 EEPROM 5V, 70 ns, PDSO28 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K 8K x 8 Battery-Voltage CMOS E2PROM
|
Atmel Corp. Atmel, Corp.
|
BC858C Q62702-C1773 Q62702-C1774 BC856-BC860 Q6270 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-PDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
ELM7S32 ELM7S00 ELM7S04 ELM7S04B ELM7S14B ELM7S66 |
CMOS LOGIC IC CMOS逻辑集成电路 (ELM7Sxx / ELM7SxxB) CMOS LOGIC IC
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
BC857BF BC857AF BC858BF BC856BF BC857CF BC858CF BC |
PNP general purpose transistors 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-SOIC -55 to 125
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHC1GT04DFT2 M74VHC1GT04DFT1G MC74VHC1G13507 M |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter 2?Input NAND Schmitt?Trigger with Open Drain Output Single Schmitt?Trigger Inverter Single 2?Input NAND Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs Single 2?Input NOR Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
HD74LV2GT125A HD74LV2GT125AUSE RENESASTECHNOLOGYCO |
Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter Dual Bus Buffer with 3?state Output / CMOS Logic Level Shifter Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
RENESAS[Renesas Electronics Corporation]
|
BU4081B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4584B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4551B/BF/BFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
BU4066BC/BCF/BCFV |
Standard Logic LSIs > CMOS logic BU4000B Series
|
ROHM
|
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|