PART |
Description |
Maker |
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
LTC1655L LTC1655LCS8PBF LTC1655LIS8PBF |
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package(16微功耗满幅度电压输出数模转换SO-8封装,内部基准1.25V)) 16位轨至轨微数模转换器采用SO - 8封装6位,微功耗满幅度电压输出数模转换器(以SO - 8封装.25V的内部基准) 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
LTC2657BCUFD-H16PBF LTC2657BCUFD-H16TRPBF LTC2657B |
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2656CIUFD-L16TRPBF |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2617CDE LTC2617CDE-1 LTC2617IDE LTC2617IDE-1 LT |
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
|
LINER[Linear Technology]
|
LTC1446CN8 LTC1446CS8 |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
|
Linear Technology
|
MAX520 MAX521BC/D MAX520-MAX521 MAX521ACWG-T MAX52 |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDIP16 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 Quad/Octal / 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
MAX517 MAX517ACPA MAX517ACSA MAX517AEPA MAX517AESA |
From old datasheet system 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs DUAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC1458ISW LTC1458IG LTC1458LCG LTC1458LCSW LTC145 |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-RailvMicropower DACs
|
Linear Technology, Corp.
|