PART |
Description |
Maker |
P10090-21 P10090-11 P10090-01 |
InAs photovoltaic detector
|
Hamamatsu Corporation
|
P9697 |
MCT photovoltaic detector Photovoltaic detector with high-speed response and low noise
|
Hamamatsu Corporation
|
KA75270 KA75270M KA75270Z KA75330Z KA75290M KA7529 |
Voltage Detector (4.5V) Voltage Detector (2.7V) Voltage Detector (4.2V) Voltage Detector (3.9V) Voltage Detector (2.9V) Voltage Detector (3.1V) Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Voltage Detector 电压检测器 Voltage Detector
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
EQ-430L |
EQ-430L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
|
Asahi Kasei Microsystems
|
EQ-733L |
EQ-733L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
|
Asahi Kasei Microsystems
|
EQ-731L |
EQ-731L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
|
Asahi Kasei Microsystems
|
APV1122 APV1121SX APV1122A APV1122AZ APV1121SZ APV |
PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving PHOTOVOLTAIC MOSFET DRIVER
|
Panasonic Semiconductor
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
EZ-470 |
EZ-470 is composed of an InAs Hall Element and a signal processing IC chip in a package
|
Asahi Kasei Microsystem...
|
KS12 |
MULTICRYSTAL PHOTOVOLTAIC MODULE
|
Kyocera Kinseki Corpotation
|
AN3971 |
For photovoltaic standalone installations
|
STMicroelectronics
|