PART |
Description |
Maker |
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ABT623DB 74ABT623_2 74ABT623PWDH 74ABT623 74ABT6 |
(3-State) From old datasheet system Octal transceiver with dual enable/ non-inverting; 3-State Octal transceiver with dual enable, non-inverting; 3-State 14dBm to 20dBm LO Buffers with ±1dB Variation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AMS317ACM-18 AMS317CM-18 AMS317-B18 AMS317A-B18 AM |
1A LOW DROPOUT VOLTAGE REGULATOR Octal D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, Octal Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 Octal Non-Inverting D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 1A低压差稳压器 1A LOW DROPOUT VOLTAGE REGULATOR 1A低压差稳压器
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
74ABT648N 74ABT648PWDH 74ABT648 74ABT648D 74ABT648 |
Octal transceiver/register/ inverting 3-State Octal transceiver/register, inverting 3-State Quadruple D-Type Flip-Flops With Clear 16-SO 0 to 70 ABT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PDSO24
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ABT534APWDH 74ABT534A 74ABT534AD 74ABT534ADB 74A |
Octal D-type flip-flop, inverting 3-State ABT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 From old datasheet system Octal D-type flip-flop, inverting (3-State)
|
NXP Semiconductors N.V. IRF[International Rectifier] Philips
|
TC74HC540AF TC74HC540AFW TC74HC540AP TC74HC541AF T |
OCTAL BUS BUFFER INVERTING/NON-INVERTING / 3-STATE OUTPUTS OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
TC74HC541A TC74HC541AF TC74HC541AFW TC74HC541AP |
OCTAL BUS BUFFER NON-INVERTING, 3-STATE OUTPUTS (TC74HC540A / TC74HC541A) OCTAL BUS BUFFER INVERTING/NON-INVERTING 3-STATE OUTPUTS
|
Toshiba Semiconductor
|
M74HC574 M74HC574B1R M74HC574C1R M74HC574F1R M74HC |
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MC74ACT652 MC74AC652 MC74AC652N MC74ACT652N MC74AC |
OCTAL TRANSCEIVER/ REGISTER WITH 3-STATE OUTPUTS NON-INVERTING OCTAL TRANSCEIVER/ REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING) From old datasheet system OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
|
ON Semiconductor Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
74LCX573TTR 74LCX573MTR 74LCX573M 74LCX573 |
OCTAL D-TYPE NON INVERTING WITH 5V TOLERANT INPUT AND OUTPUT OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|