PART |
Description |
Maker |
EV42-160-22-SERIES EV44-100-22-SERIES EV44-160-22- |
TLC2555 Evaluation Module TLC4545 Evaluation Module TLC2551 Evaluation Module CC1000DK-868/915 MHz Development Kit CC2400DK Development Kit TPA0172 Evaluation Module Radiomodem 433 MHz CC2400DBK Demonstration Board Kit CC1000PP 433 MHz Plug and Play Module Digital Data Capture and Analysis for High Speed, High Resolution A to D Converters ADS1244 Evaluation Module SN65HVD22EVM Evaluation Module Peripheral IC 外围芯片
|
Infineon Technologies AG NXP Semiconductors N.V. Amphenol, Corp. Xicon Passive Components Electronic Theatre Controls, Inc.
|
PE-51590 PE-92117 PE-92402 PE-92107 |
LT3734 Evaluation Kit LTC2922 Evaluation Kit Low Cost Inductors - Bare Coil and Klipmount Series 低成本的电感裸线圈和Klipmount系列
|
Pulse Engineering, Inc.
|
DS1854EVKIT |
Evaluation Kit for the DS1854, DS1857, DS1858, and DS1859 Fiber Optic Monitor and Control Evaluation Kit
|
MAXIM - Dallas Semiconductor
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
2664AJ 2664AK 2664AL |
Evaluation Kit for the MAX2338 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for the MAX2335 HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
|
Bel Fuse Inc.
|
DS1701K |
1-Wire Temperature Sensor Evaluation Kit 1-Wire Thermal Device Evaluation Kit
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|
2750D0100-01 2750D0150-01 2750D0010-01 2735D0080-0 |
Precision, Quad, SPST Analog Switches Evaluation Kit for the MAX3524 Evaluation Kit for the MAX3514, MAX3516, MAX3517 ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 消费性IC
|
Vishay Intertechnology, Inc.
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
MAX5960LEVCMAXQU |
Evaluation Kit/Evaluation System for the MAX5959A/MAX5959L/MAX5960A/MAX5960L
|
MAXIM - Dallas Semiconductor
|
MAX3803EVKIT |
Evaluation Kit for the MAX3803 From old datasheet system Evaluation Kit for the MAX3803
|
MAXIM - Dallas Semiconductor
|