PART |
Description |
Maker |
LTC1853 LTC1852 |
8-Channel, 12-Bit, 400ksps, Parallel Interface 3V/5V, 8-Ch, 10-Bit, 400ksps, Parallel Interface
|
Linear
|
MAX1262 MAX1264 |
" 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface"
|
MAXIM - Dallas Semiconductor
|
MAX1082-BMAX1083 |
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
|
Maxim Integrated Products
|
MAX1080-BMAX1081 |
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
|
Maxim Integrated Products
|
MAX1280 MAX1281 MAX1281BCUP MAX1281BEUP |
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation System
|
Maxim Integrated Produc...
|
5962-8949702MZX 5962-8949701MZX 5962-8949701MYX 59 |
Fast Page Mode VRAM 300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference 快速页面模式显
|
Molex, Inc.
|
MAX1090AEEI-T MAX1090ACEI-T |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC1400 LTC1400C LTC1400CS8 LTC1400I LTC1400IS8 14 |
From old datasheet system Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
|
LINER[Linear Technology]
|
5962-8946803XC 5962-8946803ZA 5962-8946803YA 5962- |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface UV-Erasable/OTP Complex PLD UV-Erasable/OTP复杂可编程逻辑器件 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports UV-Erasable/OTP复杂可编程逻辑器件
|
Rohm Co., Ltd.
|
LTC1416IGPBF LTC1416IGTR |
Low Power 14-Bit, 400ksps Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
|