PART |
Description |
Maker |
74VHCT126A 74VHCT126AM 74VHCT126AMTR 74VHCT126ATTR |
QUAD BUS BUFFERS 3-STATE 四总线缓冲器的三 QUAD BUS BUFFERS (3-STATE)
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
74VHC12504 74VHC125MTR 74VHC125TTR |
QUAD BUS BUFFERS (3-STATE)
|
STMicroelectronics
|
74AC125TTR 74AC125 74AC125MTR 74AC125M 74AC125B |
QUAD BUS BUFFERS (3-STATE) QUAD BUS BUFFERS (3-STATE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74LVQ125T 74LVQ125 74LVQ125M |
QUAD BUS BUFFERS 3-STATE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74LVQ125TTR 74LVQ125MTR |
QUAD BUS BUFFERS (3-STATE)
|
ST Microelectronics
|
74VHC126MTR 74VHC126TTR |
QUAD BUS BUFFERS (3-STATE)
|
ST Microelectronics
|
74LVX126TTR |
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) WITH 5V TOLERANT INPUTS
|
SGS Thomson Microelectronics
|
74HC125 74HC125DR2G 74HC125DTR2G MC74HC125ADG |
Quad 3−State Noninverting Buffers Quad 3?State Noninverting Buffers
|
ON Semiconductor
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
SN74LS125A-D |
Quad 3-State Buffers
|
ON Semiconductor
|
IN74VHCT126N IN74VHCT126 IN74VHCT126D |
Quad 3-State Noninverting Buffers
|
IK Semicon Co., Ltd INTEGRAL[Integral Corp.]
|