PART |
Description |
Maker |
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C801-100B1 M27C801-100B6 M27C801-100F6 M27C801- |
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27C801-100N1 |
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27V800 |
8Mbit (1Mb x8 or 512Kb x16) Low Voltage UV EPROM and OTP EPROM(8Mb低压UV EPROM和OTP EPROM)
|
意法半导
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27V322-100F1 M27V322-150XP6 M27V322 M27V322-100B1 |
32 Mbit 2Mb x16 Low Voltage UV EPROM and OTP EPROM 32 Mbit 4Mb x8 or 2Mb x16 OTP EPROM Fuses, 150mA 250V SB 5X15 BULK 32 Mbit 2Mb x16 Low Voltage UV EPROM and OTP EPROM 32兆位Mb x16低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M27W201 M27W201-100B6TR M27W201-100F6TR M27W201-10 |
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27V400 M27V400-100B1TR M27V400-100B6TR M27V400-10 |
NND - 4 MBIT (512KB X8 OR 256KB X16) UV EPROM AND OTP EPROM 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 ST Microelectronics
|
M27C1001-12XBTR M27C1001-12XFTR M27C1001-25XBTR M2 |
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM 1兆位128千位× 8)紫外线存储器和OTP存储 1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM 1兆位28千位× 8)紫外线存储器和OTP存储
|
意法半导 STMicroelectronics N.V.
|
M29F080D M29F080D55N6T -M29F080D70M1T |
8 Mbit (1Mb x8 / Uniform Block) 5V Supply Flash Memory 8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory 8兆(1兆8,统一座)5V电源快闪记忆
|
ST Microelectronics
|
M27W202-100K6 |
2 MBIT (128KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27C322 6184 |
32 Mbit (2Mb x16) UV EPROM and OTP EPROM From old datasheet system
|
STMicro
|